Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCI55US0JS Datasheet(PDF) 4 Page - Whirlpool.

Part # WCI55US0JS
Description  INDUCTION COOKTOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WCI55US0JS Datasheet(HTML) 4 Page - Whirlpool.

  WCI55US0JS Datasheet HTML 1Page - Whirlpool. WCI55US0JS Datasheet HTML 2Page - Whirlpool. WCI55US0JS Datasheet HTML 3Page - Whirlpool. WCI55US0JS Datasheet HTML 4Page - Whirlpool. WCI55US0JS Datasheet HTML 5Page - Whirlpool. WCI55US0JS Datasheet HTML 6Page - Whirlpool. WCI55US0JS Datasheet HTML 7Page - Whirlpool. WCI55US0JS Datasheet HTML 8Page - Whirlpool. WCI55US0JS Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DIMENSIONS
INDUCTION COOKTOP
IMPORTANT: Dimensional specifications are provided for planning purposes only.
Do not make any cutouts based on this information. Refer to the Installation Guide before
selecting cabinetry, verifying electrical/gas connections, making cutouts or beginning installation.
All Whirlpool® appliances are appropriately UL, CUL or CSA approved.
4 of 21
OPENING/CLEARANCE DIMENSIONS
MODEL #
24" (65 cm) Cooktop
WCI55US4JB/UCIG245KBL
30" (78.2 cm) Cooktop
WCI55US0JB/WCI55US0JS
Unit of Measurement
in
cm
in
cm
Combustible Area above Cooking
Surface Width (min.) (A)
24
60.9
30
76.2
Bottom of Cabinet Height above Cooking Surface
(min.) (B)*
30
76.2
30
76.2
Bottom of Cabinet Height above Countertop (min.) (C)
18
45.7
18
45.7
Distance to Fixed Wall or Combustible Material (D)
1
2.5
1
2.5
*If installing a hood above the cooktop, follow the hood instructions for dimensional clearances above the cooking surface.
FRONT VIEW
A
D
B*
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com