Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA1413CMP10 Datasheet(PDF) 24 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413CMP10
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413CMP10 Datasheet(HTML) 24 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
20
FDh
R
Product ID (DIA1414)
Stores a fixed value that identifies the device
B7h
FEh
R
Manufacturer ID
Stores a fixed value that identifies DIOO
DAh
FFh
R
Revision
Stores a fixed value that represents the revision number
05h
Note: R = Read, W = Write, R-C = Read then Clear.
12.1. Temperature data registers
The measured temperatures of all channels are stored as a 12-bit value with the high byte representing the
integer data and the low byte representing the fractional data as shown in the following register table.
It should be noted that when any channel’s temperature high byte register is read, the corresponding low byte is
copied into an internal “shadow” register. The user is free to read the low byte at any time. No matter the low
byte is read or not, reading from the same high byte register again will automatically refresh this stored low byte
data.
Addr. R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R
Internal high
byte
128
64
32
16
8
4
2
1
00h
29h
R
Internal low byte
0.5
0.25
0.125
0.0625
Reserved
00h
01h
R
External channel
1 high byte
128
64
32
16
8
4
2
1
00h
10h
R
External channel
1 low byte
0.5
0.25
0.125
0.0625
Reserved
00h
23h
R
External channel
2 high byte
128
64
32
16
8
4
2
1
00h
24h
R
External channel
2 low byte
0.5
0.25
0.125
0.0625
Reserved
00h
Note: R = Read.
12.2. Status register
The status register reports the ADC statues and the general error conditions of all channels. Bit 7 (BUSY)
indicates that the ADC is currently converting at the time the status register is read. It may be read a “1” or a “0”.
To identify specific channels’ error conditions, it is needed to read the external fault register, or High Limit status
register, or Low Limit status register, or Therm Limit status register. Once the High Limit, or Low Limit, or Therm
Limit register has been read or cleared, all the individual status register bits are cleared and the corresponding
status register will be cleared at the same time.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
Status
BUSY
Reserved
HIGH
LOW
FAULT
THERM
Reserved
00H
(or 80h)
Note: R = Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com