Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA2186CSC6 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2186CSC6
Description  40 V, Bidirectional, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2186CSC6 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA2186CSC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DIA2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
I
40 V, Bidirectional, High-Precision
Current Sense Amplifier
Features
AEC-Q100 qualified
−
Device ambient temperature:
-40°C ≤ TA ≤ 125°C
−
Device junction temperature:
-40°C ≤ TJ ≤ 150°C
Supply range:
−
Single power supply: 2.5 V to 6.0 V
−
Common-mode range: -2 V to 40 V
Low offset voltage: ±3 µV (Typ)
Low input bias currents, IB: 1 nA (Typ)
Quiescent current: 75 µA (Typ)
Accuracy:
−
Gain error: ±1% (Max)
−
Offset drift: 0.5 µV/°C (Max)
−
Offset voltage: ±50 µV (Max)
−
Gain drift: 10 ppm/°C (Max)
Common-mode rejection ratio: 150 dB (Typ)
Bidirectional current sensing capability
Choice of gain:
−
DIA2186A: 25 V/V
−
DIA2186B: 50 V/V
−
DIA2186C: 100 V/V
Input voltage noise: 77 nV/√Hz
Applications
Body control module (BCM)
Telematics control unit
Emergency call (eCall)
12 V battery management system (BMS)
Automotive head unit
Package Information
Part Number Package
Body Size
DIA2186
SC70-6
2.07 mm × 1.26 mm
SOT23-5
2.926 mm × 1.626 mm
Description
The DIA2186 is a bidirectional and high-precision
voltage output current sense amplifier designed to
meet the stringent AEC-Q100 standard. It can be
used as high side or low side current monitor in
automotive electronics. The DIA2186 sense drops
across shunts independent of the supply voltage.
This device supports common-mode inputs from -2 V
to 40 V, making it ideal for current sensing of
inductive loads in automotive applications. The
DIA2186 boasts an ultra-low input bias current of only
1 nA that enables the use of larger shunt resistors,
providing accurate current measurements even in the
micro-amp range. Its high-precision performance
includes a low offset voltage and gain error less than
±1%. The DIA2186 operates from a single 2.5 V to
6.0 V power supply. With bidirectional current sensing
capability, DIA2186 offers three fixed gain options: 25
V/V, 50 V/V, 100 V/V. The devices are specified over
ambient temperature range from -40°C to 125°C,
which makes it a perfect solution for automotive
applications.
Simplified Schematic


Similar Part No. - DIA2186CSC6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA20721 DIOO-DIA20721 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20721ST5 DIOO-DIA20721ST5 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20722 DIOO-DIA20722 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20722MP8 DIOO-DIA20722MP8 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20722SO8 DIOO-DIA20722SO8 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
More results

Similar Description - DIA2186CSC6

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
High Voltage, Bidirectional Current Sense Amplifier
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
High Voltage, Bidirectional Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA190-Q1 TI1-INA190-Q1 Datasheet
541Kb / 29P
Automotive, 40-V, High Precision, Low Bias Current, Low Power, Current Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Texas Instruments
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com