Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA2186CSC6 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2186CSC6
Description  40 V, Bidirectional, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2186CSC6 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA2186CSC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DIA2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
14
LP
L
dB
3
C
×
×
π
4
1
=
f
P
R
(5)
Where:
f3dB is -3dB bandwidth.
RLP is the low-pass filter resistance.
CLP is the low-pass filter capacitance.
As the voltage drop across the sense resistor (VShunt) increases, the amount of voltage dropped across the
input filter resistors (RLP) also increases. The increased voltage drop results in additional gain error. The
error caused by these resistors can be calculated by the resistor divider.
100
R
R
R
1
Error(%)
IN
Shunt
IN
(5)
Where:
RIN is the differential input impedance.
RLP is the added value of the series filter resistance.
The input stage of the DIA2186 uses a capacitive feedback amplifier topology in order to achieve high DC
precision. As a result, periodic high-frequency shunt voltage (or current) transients of significant amplitude
and duration may be amplified by the DIA2186, even though the transients are greater than the device
bandwidth. Use a differential input filter in these applications to minimize disturbances at the DIA2186
output.
The high input impedance and low bias current of the DIA2186 provide flexibility in the input filter design
without impacting the accuracy of current measurement. For example, set RLP = 100 Ω and CLP = 22 nF to
achieve a low-pass filter corner frequency of 36.2 kHz. These filter values significantly attenuate most
unwanted high-frequency signals at the input without severely impacting the current sensing bandwidth or
precision. If a lower corner frequency is desired, increase the value of CLP.
Filtering the input filters out differential noise across the sense resistor. If high-frequency, common-mode
noise is a concern, add an RC filter from the OUT pin to ground. The RC filter helps filter out both
differential and common mode noise, as well as internally generated noise from the device. The value for
the resistance of the RC filter is limited by the impedance of the load. Any current drawn by the load
manifests as an external voltage drop from the DIA2186 OUT pin to the load input.
9.4. Common-mode voltage transients
With a small amount of additional circuitry, the DIA2186 can be used in circuits subject to transients that
exceed the absolute maximum voltage ratings. To protect the inputs from negative transients, it is highly
recommended to add resistors in series with the IN- and IN+ pins. Use resistors (≤ 1 kΩ) and limit the
current in the ESD structures (≤ 5 mA). For example, using 1 kΩ resistors in series with the DIA2186 allows
voltages as low as -5 V, while limiting the ESD current to less than 5 mA. Common-voltage transients is
required when protection from high-voltage positive or negative.
When implementing these circuits, use only Zener diodes or Zener-type transient absorbers (sometimes
referred to as transzorbs); any other type of transient absorber has an unacceptable time delay. Start by
adding a pair of resistors as a working impedance for the Zener diode, and refer to the figure below. Keep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com