Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA2186CSC6 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2186CSC6
Description  40 V, Bidirectional, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2186CSC6 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA2186CSC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DIA2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
9
current-sense amplifier can be calculated with the equation:
REF
Shunt
LOAD
OUT
V
+
Gain)
×
R
×
(I
=
V
(1)
Where,
ILOAD is the load current to be monitored.
RShunt is the current-sense resistor.
Gain is the gain option of the selected device.
VREF is the voltage applied to the REF pin.
8.5. High-side and low-side current sensing
The DIA2186 supports input common-mode voltages from -2 V to 40 V. Its internal topology ensures that
the common-mode range is not limited by the power-supply voltage VS. This enables the DIA2186 to
operate with common-mode voltages both exceeding and falling below VS. The figure below is the typical
application of the DIA2186 in high-side and low-side current sensing.
Figure 9. High-side and Low-side sensing connections
8.6. High common-mode rejection
The DIA2186 employs a capacitively coupled amplifier at the input stage, which blocks DC common-mode
voltages from reaching downstream circuits, resulting in very high common-mode rejection (about 150 dB
typically). This capability to reject changes in DC common-mode voltage allows the device to measure
currents on both high- and low-voltage rails with minimal offset.
8.7. Rail-to-rail output swing
The DIA2186 supports linear current-sensing operation with its output voltage capable of swinging close to
both the supply rail and ground. The maximum output swing towards the positive rail is specified as VS - 40
mV, while the maximum output swing near ground is limited to GND + 1 mV. This near-rail output swing
capability is particularly beneficial for maximizing the effective output range, especially when the device is
powered from a 2.5 V supply.
8.8. Device functional modes
8.8.1. Normal operation
The DIA2186 operates under normal conditions when all the following criteria are satisfied:
The power-supply voltage (VS) must be within the range of 2.5 V to 6 V.
The common-mode voltage (VCM) must be within the specified range of -2 V to 40 V.
The maximum differential input voltage times the gain plus VREF, must remain below the positive output
swing limit VSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com