Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA2186CSC6 Datasheet(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2186CSC6
Description  40 V, Bidirectional, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2186CSC6 Datasheet(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA2186CSC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA2186CSC6 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DIA2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
13
representation at the output, both positive and negative output swing boundaries must be considered. The
maximum allowable values of RShunt and Gain to prevent the device from exceeding the positive swing
limitation can be defined by the equation:
REF
SP
Shunt
MAX
V
-
V
Gain
R
I
<
×
×
(3)
Where :
IMAX is the maximum current flowing through RShunt.
Gain is the gain of the current-sense amplifier.
VSP is the positive output swing.
VREF is the externally applied voltage on the REF pin.
To prevent positive output swing limitations when selecting RShunt, a trade-off must be made between the
sense resistor value and the device gain. If the sense resistor chosen to satisfy the maximum power
dissipation is excessively large, selecting a device with a lower gain may be necessary to avoid exceeding
the positive output swing limit.
The negative output swing limitation defines the minimum allowable value of the sense resistor for a given
application. The limit on the minimum sense resistor value can be defined by the equation:
REF
SN
Shunt
MIN
V
-
V
Gain
R
I
>
×
×
(4)
Where:
IMIN is the minimum current flowing through RShunt.
Gain is the gain of the current-sense amplifier.
VSN is the negative output swing of the device.
VREF is the externally applied voltage on the REF pin. This voltage is zero for devices without a REF pin.
Besides adjusting RShunt and device gain, slightly increasing the voltage applied to the REF pin above GND
can help avoid negative output swing limitations.
9.3. Signal conditioning
In noisy environments, accurate current measurements typically require filtering of the current-sense signal.
The DIA2186 has low input bias currents, enabling adding a differential mode filter at the input without
sacrificing measurement accuracy. Applying filtering at the input stage is beneficial as it reduces differential
noise prior to signal amplification.
Figure 13. Filter at the input pins
To calculate cut-off frequency, refer to the equation below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com