Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN6406 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN6406 Datasheet HTML 1Page - Renesas Technology Corp FN6406 Datasheet HTML 2Page - Renesas Technology Corp FN6406 Datasheet HTML 3Page - Renesas Technology Corp FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FN6406 Rev 1.00
Page 3 of 13
Sep 28, 2018
ISL59910, ISL59913
5
VOUT_G
Green output voltage referenced to 0V pin
VOUT_G
Green output voltage referenced to 0V pin
6
VSMO_G
-5V to green output buffer
VSMO_G
-5V to green output buffer
7
VSMO_R
-5V to red output buffer
VSMO_R
-5V to red output buffer
8
VOUT_R
Red output voltage referenced to 0V pin
VOUT_R
Red output voltage referenced to 0V pin
9
VSPO_R
+5V to red output buffer
VSPO_R
+5V to red output buffer
10
VCTRL
Equalization control voltage (0V to 0.95V)
VCTRL
Equalization control voltage (0V to 0.95V)
11
VREF
Reference voltage for logic signals, VCTRL, and
VGAIN pins
VREF
Reference voltage for logic signals, VCTRL, and
VGAIN pins
12
VGAIN_R
Red channel gain voltage (0V to 1V)
VGAIN_R
Red channel gain voltage (0V to 1V)
13
VGAIN_G
Green channel gain voltage (0V to 1V)
VGAIN_G
Green channel gain voltage (0V to 1V)
14
VGAIN_B
Blue channel gain voltage (0V to 1V)
VGAIN_B
Blue channel gain voltage (0V to 1V)
15
VSM
-5V to core of chip
VSM
-5V to core of chip
16
VINP_R
Red positive differential input
VINP_R
Red positive differential input
17
VINM_R
Red negative differential input
VINM_R
Red negative differential input
18
VINP_G
Green positive differential input
VINP_G
Green positive differential input
19
VINM_G
Green negative differential input
VINM_G
Green negative differential input
20
VINP_B
Blue positive differential input
VINP_B
Blue positive differential input
21
VINM_B
Blue negative differential input
VINM_B
Blue negative differential input
22
VSP
+5V to core of chip
VSP
+5V to core of chip
23
HOUT
Decoded horizontal sync referenced to
SYNCREF
VCM_R
Red common-mode voltage at inputs
24
VOUT
Decoded vertical sync referenced to SYNCREF
VCM_G
Green common-mode voltage at inputs
25
SYNCREF
Reference level for HOUT and VOUT logic outputs
VCM_B
Blue common-mode voltage at inputs
26
X2
Logic signal for x1/x2 output gain setting
X2
Logic signal for x1/x2 output gain setting
27
ENABLE
Chip enable logic signal
ENABLE
Chip enable logic signal
28
0V
0V reference for output voltage
0V
0V reference for output voltage
Thermal Pad
Must be connected to -5V
Pin Descriptions (Continued)
PIN
NUMBER
ISL59910
ISL59913
PIN NAME
PIN FUNCTION
PIN NAME
PIN FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com