Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN6406 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp FN6406 Datasheet HTML 10Page - Renesas Technology Corp FN6406 Datasheet HTML 11Page - Renesas Technology Corp FN6406 Datasheet HTML 12Page - Renesas Technology Corp FN6406 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FN6406 Rev 1.00
Page 10 of 13
Sep 28, 2018
ISL59910, ISL59913
Contrast
By varying the voltage between pins VGAIN and VREF, the gain
of the signal path can be changed in the ratio 4:1. The gain
change varies almost linearly with control voltage. For normal
operation it is anticipated the X2 mode is selected and the
output load is back matched. A unity gain to the output load is
achieved with a gain control voltage of about 0.35V. This allows
the gain to be trimmed up or down by 6dB to compensate for
any gain/loss errors that affect the contrast of the video signal.
Figure 25 shows an example plot of the gain to the load with
gain control voltage.
C
ommon-Mode Sync Decoding
The ISL59910 features common-mode decoding to allow
horizontal and vertical synchronization information, which has
been encoded on the three differential inputs by the EL4543, to
be decoded. The entire RGB video signal can therefore be
transmitted, along with the associated synchronization
information, by using just three twisted pairs.
Decoding is based on the EL4543 encoding scheme, as
described in Figure 26 and Table 1. The scheme is a three-level
system, which has been designed such that the sum of the
common-mode voltages results in a fixed average DC level with
no AC content. This eliminates the effect of EMI radiation into the
common-mode signals along the twisted pairs of the cable
The common-mode voltages are initially extracted by the
ISL59910 from the three input pairs. These are then passed to an
internal logic decoding block to provide Horizontal and Vertical
sync output signals (HOUT and VOUT).
Power Dissipation
The ISL59910 and ISL59913 are designed to operate with ±5V
supply voltages. The supply currents are tested in production
and specified to be less than 39mA per channel. Operating at
±5V power supply, the total power dissipation is:
where:
•PDMAX = Maximum power dissipation
•VS = Supply voltage = 5V
•ISMAX = Maximum quiescent supply current per
channel = 39mA
•VOUTMAX = Maximum output voltage swing of the
application = 2V
•RL = Load resistance = 150Ω
00.8
VGAIN
0.4
1
2
1.8
1.4
1
0.6
0.4
0.6
0.2
1.6
1.2
0.8
FIGURE 25. VARIATION OF GAIN WITH GAIN CONTROL
VOLTAGE
TABLE 1. H AND V SYNC DECODING
RED CM
GREEN CM
BLUE CM
HSYNC
VSYNC
Mid
High
Low
Low
Low
High
Low
Mid
Low
High
Low
High
Mid
High
Low
Mid
Low
High
High
High
NOTE: Level ‘Mid’ is halfway between ‘High’ and ‘Low’
TIME (0.5ms/DIV)
BLUE CM
OUT (CH A)
GREEN CM
OUT (CH B)
RED CM
OUT (CH C)
VSYNC
HSYNC
FIGURE 26. H AND V SYNCS ENCODED
PDMAX
32 VS
ISMAX VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=
(EQ. 1)
PDMAX
1.29W
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com