Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN6406 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FN6406 Datasheet HTML 1Page - Renesas Technology Corp FN6406 Datasheet HTML 2Page - Renesas Technology Corp FN6406 Datasheet HTML 3Page - Renesas Technology Corp FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FN6406 Rev 1.00
Page 4 of 13
Sep 28, 2018
ISL59910, ISL59913
IMPORTANT NOTE: All parameters having Min/Max specifications are ensured. Typ values are for information purposes only. Unless otherwise noted, all tests are at
the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Operating Conditions
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . . .12V
Maximum Continuous Output Current per Channel. . . . . . . . . 30mA
Power Dissipation . . . . . . . . . . . See “Typical Performance Curves”
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” can permanently damage the device. This is a stress only rating and operation of the device at
these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = +25°C, exposed die plate = -5V, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
Bandwidth
BW
(See Figure 1)
150
MHz
Slew Rate
SR
VIN = -1V to +1V, VG = 0.39, VC = 0,
RL = 75 + 75
1.5
kV/µs
Total Harmonic Distortion
THD
10MHz 2VP-P out, VG = 1V, X2 gain,
VC =0
-50
dBc
DC PERFORMANCE
Offset Voltage
V(VOUT)OS
X2 = high, no equalization
-110
-15
+110
mV
Channel-to-Channel Offset Matching
VOS
X2 = high, no equalization
-140
0
+140
mV
INPUT CHARACTERISTICS
Common-Mode Input Range
CMIR
-4/+3.5
V
Output Noise
ONOISE
VG = 0V, VC = 0V, X2 = HIGH,
RLOAD = 150Ω Input 50Ω to GND,
10MHz
-110
dBm
Common-Mode Rejection Ratio
CMRR
Measured at 10kHz
-80
dB
Common-Mode Rejection Ratio
CMRR
Measured at 10MHz
-55
dB
CM Amplifier Bandwidth
CMBW
10k || 10pF load
50
MHz
CM Slew Rate
CMSLEW
Measured at +1V to -1V
100
V/µs
Differential Input Capacitance
CINDIFF
Capacitance VINP to VINM
600
fF
Differential Input Resistance
RINDIFF
Resistance VINP to VINM
1MΩ
CM Input Capacitance
CINCM
Capacitance VINP = VINM to GND
1.2
pF
CM Input Resistance
RINCM
Resistance VINP = VINM to GND
1
MΩ
Positive Input Current
+IIN
DC bias at VINP = VINM = 0V
1
µA
Negative Input Current
-IIN
DC bias at VINP = VINM = 0V
1
µA
Differential Input Range
VINDIFF
VINP - VINM when slope gain falls to 0.9
2.5
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
V(VOUT)RL = 150Ω
±3.5
V
Output Drive Current
I(VOUT)RL = 10Ω, VINP = 1V, VINM = 0V,
X2 = high, VG = 0.39
50
60
mA
CM Output Resistance of
VCM_R/G/B (ISL59913 only)
R(VCM)
At 100kHz
30
Ω
Gain
Gain
VC = 0, VG = 0.39, X2 = 5, RL = 150Ω
0.85
1.0
1.1
Channel-to-Channel Gain Matching
Gain at DC
VC = 0, VG = 0.39, X2 = 5, RL = 150Ω
3
8
%
Channel-to-Channel Gain Matching
Gain at
15MHz
VC = 0.6, VG = 0.39, X2 = 5, RL = 150Ω,
Frequency = 15MHz
311
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com