Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN6406 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN6406 Datasheet HTML 1Page - Renesas Technology Corp FN6406 Datasheet HTML 2Page - Renesas Technology Corp FN6406 Datasheet HTML 3Page - Renesas Technology Corp FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN6406 Rev 1.00
Page 1 of 13
Sep 28, 2018
FN6406
Rev 1.00
Sep 28, 2018
ISL59910, ISL59913
Triple Differential Receiver/Equalizer
DATASHEET
The ISL59910 and ISL59913 are triple channel differential
receivers and equalizers. They each contain three high speed
differential receivers with five programmable poles. The
outputs of these pole blocks are then summed into an output
buffer. The equalization length is set with the voltage on a
single pin. The ISL59910 and ISL59913 output can also be
put into a high impedance state, enabling multiple devices to
be connected in parallel and used in multiplexing applications.
The gain can be adjusted up or down on each channel by 6dB
using the VGAIN control signal. In addition, a further 6dB of gain
can be switched in to provide a matched drive into a cable.
The ISL59910 and ISL59913 have a bandwidth of 150MHz
and consume just 108mA on ±5V supply. A single input
voltage sets the compensation levels for the required length
of cable.
The ISL59910 is a special version of the ISL59913 that
decodes syncs encoded onto the common modes of three
pairs of CAT-5 cable by the EL4543 refer to the EL4543
datasheet for details.
The ISL59910 and ISL59913 are available in a 28 Ld QFN
package and are specified for operation across the full -40°C
to +85°C temperature range.
Features
• 150MHz -3dB bandwidth
• CAT-5 compensation
- 100MHz at 600ft
- 135MHz at 300ft
• 108mA supply current
• Differential input range: 3.2V
• Common-mode input range: -4V to +3.5V
• ±5V supply
• Output to within 1.5V of supplies
• Available in 28 Ld QFN package
• Pb-free plus anneal available (RoHS compliant)
Applications
• Twisted-pair receiving/equalizer
• KVM (Keyboard/Video/Mouse)
• VGA over twisted-pair
• Security video
Related Literature
For a full list of related documents, visit our website:
• ISL59910 and ISL59913 product pages


Similar Part No. - FN6406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN60 ETC-FN60 Datasheet
168Kb / 1P
QUADRI FISSI E SEMIAUTOMATICI DI RIFASAMENTO
logo
Renesas Technology Corp
FN6046 RENESAS-FN6046 Datasheet
952Kb / 16P
5V, Low Power, High Speed, RS-485/RS-422 Transceivers
Rev 10.02 Oct 2, 2023
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Tyco Electronics
FN61 MACOM-FN61 Datasheet
47Kb / 3P
High Performance, Low Loss Coaxial Cable
More results

Similar Description - FN6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
Triple Differential Receiver/Equalizer
September 19, 2006
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
Differential Receiver/Equalizer
November 30, 2007
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
Differential Receiver/Equalizer
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com