| Electronic Components Datasheet Search |
|
AT91SAM7S64 Datasheet(PDF) 7 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S64 Datasheet(HTML) 7 Page - ATMEL Corporation |
|
7 / 42 page ![]() 7 6175BS–ATARM–04-Nov-05 AT91SAM7S Series Summary USB Device Port DDM USB Device Port Data - Analog not present on AT91SAM7S32 DDP USB Device Port Data + Analog not present on AT91SAM7S32 USART SCK0 - SCK1 Serial Clock I/O SCK1 not present on AT91SAM7S32 TXD0 - TXD1 Transmit Data I/O TXD1 not present on AT91SAM7S32 RXD0 - RXD1 Receive Data Input RXD1 not present on AT91SAM7S32 RTS0 - RTS1 Request To Send Output RTS1 not present on AT91SAM7S32 CTS0 - CTS1 Clear To Send Input CTS1 not present on AT91SAM7S32 DCD1 Data Carrier Detect Input not present on AT91SAM7S32 DTR1 Data Terminal Ready Output not present on AT91SAM7S32 DSR1 Data Set Ready Input not present on AT91SAM7S32 RI1 Ring Indicator Input not present on AT91SAM7S32 Synchronous Serial Controller TD Transmit Data Output RD Receive Data Input TK Transmit Clock I/O RK Receive Clock I/O TF Transmit Frame Sync I/O RF Receive Frame Sync I/O Timer/Counter TCLK0 - TCLK2 External Clock Inputs Input TCLK1 and TCLK2 not present on AT91SAM7S32 TIOA0 - TIOA2 I/O Line A I/O TIOA2 not present on AT91SAM7S32 TIOB0 - TIOB2 I/O Line B I/O TIOB2 not present on AT91SAM7S32 PWM Controller PWM0 - PWM3 PWM Channels Output SPI MISO Master In Slave Out I/O MOSI Master Out Slave In I/O SPCK SPI Serial Clock I/O NPCS0 SPI Peripheral Chip Select 0 I/O Low NPCS1-NPCS3 SPI Peripheral Chip Select 1 to 3 Output Low Table 4-1. Signal Description List (Continued) Signal Name Function Type Active Level Comments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |