| Electronic Components Datasheet Search |
|
AT91SAM7S64 Datasheet(PDF) 38 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S64 Datasheet(HTML) 38 Page - ATMEL Corporation |
|
38 / 42 page ![]() 38 6175BS–ATARM–04-Nov-05 AT91SAM7S Series Summary – Three output compare or two input capture • Wide range of functions including: – Frequency measurement – Event counting – Interval measurement – Pulse generation – Delay timing – Pulse Width Modulation – Up/down capabilities • Each channel is user-configurable and contains: – Three external clock inputs – Five internal clock inputs, as defined in Table 11-5 – Two multi-purpose input/output signals – Two global registers that act on all three TC channels 11.10 PWM Controller • Four channels, one 16-bit counter per channel • Common clock generator, providing thirteen different clocks – One Modulo n counter providing eleven clocks – Two independent linear dividers working on modulo n counter outputs • Independent channel programming – Independent enable/disable commands – Independent clock selection – Independent period and duty cycle, with double bufferization – Programmable selection of the output waveform polarity – Programmable center or left aligned output waveform 11.11 USB Device Port (Only on AT91SAM7S256/128/64/321) • USB V2.0 full-speed compliant,12 Mbits per second. • Embedded USB V2.0 full-speed transceiver • Embedded 328-byte dual-port RAM for endpoints • Four endpoints Table 11-5. Timer Counter Clocks Assignment TC Clock Input Clock TIMER_CLOCK1 MCK/2 TIMER_CLOCK2 MCK/8 TIMER_CLOCK3 MCK/32 TIMER_CLOCK4 MCK/128 TIMER_CLOCK5 MCK/1024 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |