Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7S64 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
15
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
8.
Processor and Architecture
8.1
ARM7TDMI Processor
• RISC processor based on ARMv4T Von Neumann architecture
– Runs at up to 55 MHz, providing 0.9 MIPS/MHz
• Two instruction sets
–ARM
® high-performance 32-bit instruction set
–Thumb
® high code density 16-bit instruction set
• Three-stage pipeline architecture
– Instruction Fetch (F)
– Instruction Decode (D)
– Execute (E)
8.2
Debug and Test Features
• Integrated Embedded ICE (embedded in-circuit emulator)
– Two watchpoint units
– Test access port accessible through a JTAG protocol
– Debug communication channel
• Debug Unit
–Two-pin UART
– Debug communication channel interrupt handling
– Chip ID Register
• IEEE1149.1 JTAG Boundary-scan on all digital pins
8.3
Memory Controller
• Bus Arbiter
– Handles requests from the ARM7TDMI and the Peripheral DMA Controller
• Address decoder provides selection signals for
– Three internal 1 Mbyte memory areas
– One 256 Mbyte embedded peripheral area
• Abort Status Registers
– Source, Type and all parameters of the access leading to an abort are saved
– Facilitates debug by detection of bad pointers
• Misalignment Detector
– Alignment checking of all data accesses
– Abort generation in case of misalignment
• Remap Command
– Remaps the SRAM in place of the embedded non-volatile memory
– Allows handling of dynamic exception vectors
• Embedded Flash Controller
– Embedded Flash interface, up to three programmable wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com