Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9782 Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 10Page - Intel Corporation LXT9782 Datasheet HTML 11Page - Intel Corporation LXT9782 Datasheet HTML 12Page - Intel Corporation LXT9782 Datasheet HTML 13Page - Intel Corporation LXT9782 Datasheet HTML 14Page - Intel Corporation LXT9782 Datasheet HTML 15Page - Intel Corporation LXT9782 Datasheet HTML 16Page - Intel Corporation LXT9782 Datasheet HTML 17Page - Intel Corporation LXT9782 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
14
Datasheet
Table 2.
LXT97x2 Signal Detect/TP Select Signal Descriptions
9762
Pin#
9782 Pin#
Symbol
Type1
Signal Description2
PQFP
PQFP
PBGA
101
101
V16
SD0/TP0
I
Signal Detect - Ports 0 - 7. Tying the SD/TPn pins High or to a
PECL input sets bit 16.0 = 1 and the respective port is forced to FX
mode. Do not enable Auto-Negotiation if FX mode is selected. In
the absence of an active link, the pin must be pulled High to enable
loopback in FX mode. Do not enable Auto-Negotiation if FX mode is
selected.
The SD/TPn pins have internal pull-downs. When not using FX
mode, SD/TPn pins should be tied to GNDA.
TP Select - Ports 0 - 7. Tying the SD/TPn pins Low sets bit 16.0 = 0
and forces the port to TP mode. The operating mode of each port
can be set to 10BASE-T or 100BASE-TX, half- or full-duplex, and
auto-negotiation or manual control via the hardware control interface
pins as shown in Table 9 on page 27.
100
100
U13
SD1/TP1
99
99
U14
SD2/TP2
161
98
U15
SD3/TP3
160
162
C16
SD4/TP4
159
161
B17
SD5/TP5
–
160
A17
SD6/TP6
–
159
C17
SD7/TP7
1. Type Column Coding: I = Input, O = Output.
2. Ports 6 and 7 are available only on the LXT9782. These pins are not bonded out on the LXT9762.
Table 3.
LXT97x2 Network Interface Signal Descriptions
9762 Pin#
9782 Pin#
Symbol
Type1
Signal Description 2
PQFP
PQFP
PBGA
107, 108
107, 108
W19,W20
TPFOP0, TPFON0
O
Twisted-Pair/Fiber Outputs, Positive & Negative -
Ports 0-7.
During 100BASE-TX or 10BASE-T operation, TPFO
pins drive 802.3 compliant pulses onto the line.
During 100BASE-FX operation, TPFO pins produce
differential PECL outputs for fiber transceivers.
111, 110
111, 110
V20, V19
TPFOP1, TPFON1
121, 122
121, 122
P19, P20
TPFOP2, TPFON2
140, 139
125, 124
N20, N19
TPFOP3, TPFON3
150, 151
136, 137
H19, H20
TPFOP4, TPFON4
154, 153
140, 139
G20, G19
TPFOP5, TPFON5
– , –
150, 151
C19, C20
TPFOP6, TPFON6
– , –
154, 153
B20, B19
TPFOP7, TPFON7
104, 105
104, 105
Y19, Y20 TPFIP0, TPFIN0
I
Twisted-Pair/Fiber Inputs, Positive & Neg-
ative - Ports 0-7.
During 100BASE-TX or 10BASE-T opera-
tion, TPFI pins receive differential 100BASE-
TX or 10BASE-T signals from the line.
During 100BASE-FX operation, TPFI pins
receive differential PECL inputs from fiber
transceivers.
115, 114
115, 114
U20, U19 TPFIP1, TPFIN1
118, 119
118, 119
R19, R20
TPFIP2, TPFIN2
143, 142
129, 128
M20,
M19
TPFIP3, TPFIN3
146, 147
132, 133
J20, J19
TPFIP4, TPFIN4
157, 156
143, 142
F20, F19
TPFIP5, TPFIN5
– , –
146, 147
D19, D20 TPFIP6, TPFIN6
– , –
157, 156
A20, A19 TPFIP7, TPFIN7
1. Type Column Coding: I = Input, O = Output.
2. Ports 6 and 7 are available only on the LXT9782. These pins are not bonded out on the LXT9762.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com