Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9782 Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 41Page - Intel Corporation LXT9782 Datasheet HTML 42Page - Intel Corporation LXT9782 Datasheet HTML 43Page - Intel Corporation LXT9782 Datasheet HTML 44Page - Intel Corporation LXT9782 Datasheet HTML 45Page - Intel Corporation LXT9782 Datasheet HTML 46Page - Intel Corporation LXT9782 Datasheet HTML 47Page - Intel Corporation LXT9782 Datasheet HTML 48Page - Intel Corporation LXT9782 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
45
2.10.2
State Machine
The TAP controller is a 16 state machine driven by the TCK and TMS pins. Upon reset, the
TEST_LOGIC_RESET state is entered. The state machine is also reset when TMS is High for five
TCK periods.
2.10.3
Instruction Register
The IDCODE instruction is always invoked after the state machine resets. The decode logic
ensures the correct data flow to the data registers according to the current instruction. Valid
instructions are listed in Table 14.
2.10.4
Boundary Scan Register
Each BSR cell has two stages. A flip-flop and a latch are used for the serial shift stage and the
parallel output stage. There are four modes of operation as listed in Table 13.
Table 13. BSR Mode of Operation
Mode
Description
1
Capture
2Shift
3
Update
4
System Function
Table 14. Supported JTAG Instructions
Name
Code
Description
Data Register
EXTEST
0000000000000000
External Test
BSR
IDCODE
1111111111111110
ID Code Inspection
ID REG
SAMPLE
1111111111111110
Sample Boundary
BSR
High Z
1111111111001111
Force Float
Bypass
Clamp
1111111111101111
Clamp
BSR
BYPASS
1111111111111111
Bypass Scan
Bypass
Table 15. Device ID Register
31:28
27:12
11:8
7:1
0
Version
Part ID (hex)
Jedec Continuation Characters
JEDEC ID1
Reserved
0000
2622 (LXT9762)
2636 (LXT9782)
0000
111 1110
1
1. The JEDEC ID is an 8-bit identifier. The MSB is for parity and is ignored.
Intel’s JEDEC ID is FE (1111 1110) which becomes 111 1110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com