Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9782 Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 44Page - Intel Corporation LXT9782 Datasheet HTML 45Page - Intel Corporation LXT9782 Datasheet HTML 46Page - Intel Corporation LXT9782 Datasheet HTML 47Page - Intel Corporation LXT9782 Datasheet HTML 48Page - Intel Corporation LXT9782 Datasheet HTML 49Page - Intel Corporation LXT9782 Datasheet HTML 50Page - Intel Corporation LXT9782 Datasheet HTML 51Page - Intel Corporation LXT9782 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
48
Datasheet
• Avoid vias and layer changes as much as possible.
• Keep the transmit and receive pairs apart to avoid cross-talk.
• Route the transmit pair adjacent to a ground plane. The optimum arrangement is to place the
transmit traces two to three layers from the ground plane, with no intervening signals.
• The output stage of the transmitter shown in Figure 24 on page 50 is designed to match the
100
Ω characteristic impedance of an unshielded CAT5 twisted-pair wire. The external resistor
that is typically required for impedance matching is integrated in the transmitter of the
LXT97xx. The internal termination provides a constant current reference in both 10BASE-T
and 100BASE-TX applications and meets all IEEE transmitter requirements such as return
loss, while reducing external component requirements. It has no impact in fibre designs.
• Some magnetic vendors are producing magnetics with improved return loss performance. Use
of these improved magnetics increases the return loss budget available to the system designer.
• Improve EMI performance by filtering the TPO center tap. A single ferrite bead may be used
to supply center tap current to all ports. All ports draw a combined total of
520 mA so the
bead should be rated at
780 mA.
3.1.6.1
Magnetics Information
The LXT97x2 requires a 1:1 ratio for the receive transformers and a 1:1 ratio for the transmit
transformers. The transformer isolation voltage should be rated at 1.5 kV to protect the circuitry
from static voltages across the connectors and cables. Refer to Table 16 for transformer
requirements. Before committing to a specific component, designers should contact the
manufacturer for current product specifications, and validate the magnetics for the specific
application.
3.1.7
The Fiber Interface
The fiber interface consists of a PECL transmit and receive pair to an external fiber-optic
transceiver. The transmit and receive pair should be DC-coupled to the transceiver, and biased
appropriately. Refer to the fiber transceiver manufacturer’s recommendations for termination
circuitry. Figure 25 on page 51 shows a typical example.
Table 16. Magnetics Requirements
Parameter
Min
Nom
Max
Units
Test Condition
Rx turns ratio
–
1 : 1
––
Tx turns ratio
–
1 : 1
––
Insertion loss
0.0
0.6
1.1
dB
Primary inductance
350
––
µH
Transformer isolation
–
1.5
–
kV
Differential to common mode rejection
40
––
dB
.1 to 60 MHz
35
––
dB
60 to 100 MHz
Return Loss
-16
––
dB
30 MHz
-10
––
dB
80 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com