Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9782 Datasheet(PDF) 18 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 18 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 14Page - Intel Corporation LXT9782 Datasheet HTML 15Page - Intel Corporation LXT9782 Datasheet HTML 16Page - Intel Corporation LXT9782 Datasheet HTML 17Page - Intel Corporation LXT9782 Datasheet HTML 18Page - Intel Corporation LXT9782 Datasheet HTML 19Page - Intel Corporation LXT9782 Datasheet HTML 20Page - Intel Corporation LXT9782 Datasheet HTML 21Page - Intel Corporation LXT9782 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
18
Datasheet
197
198
199
197
198
199
C7
A6
B6
LED/CFG2_1
LED/CFG2_2
LED/CFG2_3
I
OD
OS
Port 2 LED Drivers 1 -3. These pins drive LED indicators for Port 2.
Each output indicates one of several available status conditions as
selected by the LED Configuration Register (refer to Table 51 on
page 75 for details).
Port 2 Configuration Inputs 1-3. When operating in Hardware
Control Mode, these pins also provide configuration control options
(refer to Table 9 on page 27 for details).
186
187
188
194
195
196
A7
D8
B7
LED/CFG3_1
LED/CFG3_2
LED/CFG3_3
I
OD
OS
Port 3 LED Drivers 1 -3. These pins drive LED indicators for Port 3.
Each output indicates one of several available status conditions as
selected by the LED Configuration Register (refer to Table 51 on
page 75 for details).
Port 3 Configuration Inputs 1-3. When operating in Hardware
Control Mode, these pins also provide configuration control options
(refer to Table 9 on page 27 for details).
183
184
185
189
190
191
C8
A8
D9
LED/CFG4_1
LED/CFG4_2
LED/CFG4_3
I
OD
OS
Port 4 LED Drivers 1 -3. These pins drive LED indicators for Port 4.
Each output indicates one of several available status conditions as
selected by the LED Configuration Register (refer to Table 51 on
page 75 for details).
Port 4 Configuration Inputs 1-3. When operating in Hardware
Control Mode, these pins also provide configuration control options
(refer to Table 9 on page 27 for details).
180
181
182
186
187
188
D10
A9
B9
LED/CFG5_1
LED/CFG5_2
LED/CFG5_3
I
OD
OS
Port 5 LED Drivers 1 -3. These pins drive LED indicators for Port 5.
Each output indicates one of several available status conditions as
selected by the LED Configuration Register (refer to Table 51 on
page 75 for details).
Port 5 Configuration Inputs 1-3. When operating in Hardware
Control Mode, these pins also provide configuration control options
(refer to Table 9 on page 27 for details).
–
–
–
183
184
185
A10
B10
C9
LED/CFG6_1
LED/CFG6_2
LED/CFG6_3
I
OD
OS
Port 6 LED Drivers 1 -3. These pins drive LED indicators for Port 6.
Each output indicates one of several available status conditions as
selected by the LED Configuration Register (refer to Table 51 on
page 75 for details).
Port 6 Configuration Inputs 1-3. When operating in Hardware
Control Mode, these pins also provide configuration control options
(refer to Table 9 on page 27 for details).
–
–
–
180
181
182
C11
C10
A11
LED/CFG7_1
LED/CFG7_2
LED/CFG7_3
I
OD
OS
Port 7 LED Drivers 1 -3. These pins drive LED indicators for Port 7.
Each output indicates one of several available status conditions as
selected by the LED Configuration Register (refer to Table 51 on
page 75 for details).
Port 7 Configuration Inputs 1-3. When operating in Hardware
Control Mode, these pins also provide configuration control options
(refer to Table 9 on page 27 for details).
Table 7.
LXT97x2 LED Signal Descriptions (Continued)
9762
Pin#
9782 Pin#
Symbol
Type1
Signal Description2
PQFP
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain, OS = Open Source.
2. Ports 6 and 7 are available only on the LXT9782. These pins are not bonded out on the LXT9762.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com