Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBULC6-2M6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # USBULC6-2M6
Description  Ultra large bandwidth ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2M6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button USBULC6-2M6 Datasheet HTML 2Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 3Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 4Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 5Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 6Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 7Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 8Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 9Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
USBULC6-2M6
6/10
4
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free. The category of second level Interconnect
is marked on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
Figure 15.
Footprint dimensions in mm [inches]
Table 3.
Micro QFN 1.45x1.00 6L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.020 0.022 0.024
A1
0.00
0.02
0.05
0.000 0.001 0.002
b
0.18
0.25
0.30
0.007 0.010 0.012
D(1)
1.
± 0.1 mm
1.45
0.057
E(1)
1.00
0.039
e(2)
2.
± 0.05 mm
0.50
0.020
K
0.20
0.008
L
0.30
0.35
0.40
0.012 0.014 0.016
E
D
A
A1
e
b
k
L
N
1
1
2
2
0.50
[0.020]
0.25
[0.010]
0.65
[0.026]
0.30
[0.012]
1.60
[0.063]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com