Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBULC6-2M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBULC6-2M6
Description  Ultra large bandwidth ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2M6 Datasheet(HTML) 1 Page - STMicroelectronics

  USBULC6-2M6 Datasheet HTML 1Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 2Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 3Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 4Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 5Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 6Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 7Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 8Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2007
Rev 1
1/10
USBULC6-2M6
Ultra large bandwidth ESD protection
Features
■ 2 data line 15 kV ESD protection
■ Protects 5 V VBUS when applicable
■ Ultra low capacitance: 0.65 pF at F = 240 MHz
■ Very low leakage current: 0.5 µA max.
■ Fast response time compared with varistors
■ µQFN 6 lead package
■ RoHS compliant
Benefits
■ ESD protection of VBUS (when applicable)
■ High bandwidth to minimize impact on data
signal quality
■ Low PCB space occupation
■ Low leakage current profides longer operation
of battery powered devices
■ Higher reliability offered by monolithic
integration
Complies with these standards:
■ IEC 61000-4-2 level 4
– 15 kV air discharge
– 8 kV contact discharge
Applications
■ USB 2.0 ports including Hi-Speed USB ports
up to 480 Mb/s as well as full and low speed
USB ports
■ Ethernet port: 10/100/1000 Mb/s
■ Video line protection
■ Portable electronics
Figure 1.
Functional diagram (top view)
Description
The USBULC6-2M6 is a monolithic, application
specific discrete device dedicated to ESD
protection of high speed interfaces.
Its ultra low line capacitance provides high
bandwidth and secures a high level of signal
integrity without compromizing the protection of
downstream sensitive chips against the most
stringent characterized ESD strikes.
µQFN
(pin view)
www.st.com


Similar Part No. - USBULC6-2M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - USBULC6-2M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
Ultra large bandwidth ESD protection
26-Jul-2006
HDMIULC6-2X6 STMICROELECTRONICS-HDMIULC6-2X6 Datasheet
751Kb / 17P
Ultra large bandwidth ESD protection
06-May-2008
logo
ON Semiconductor
ESD7484 ONSEMI-ESD7484 Datasheet
269Kb / 7P
4-Line Ultra-Large Bandwidth ESD Protection
October, 2011 ??Rev. 0
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
STMicroelectronics
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
8-line ultralarge bandwidth ESD protection
15-Oct-2010
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
Automotive ultralarge bandwidth ESD protection
06-Sep-2012
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
STMicroelectronics
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
Ultra large bandwidth ESD protection
31-Mar-2014
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com