Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBULC6-2M6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # USBULC6-2M6
Description  Ultra large bandwidth ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2M6 Datasheet(HTML) 3 Page - STMicroelectronics

  USBULC6-2M6 Datasheet HTML 1Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 2Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 3Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 4Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 5Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 6Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 7Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 8Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
USBULC6-2M6
Characteristics
3/10
Figure 2.
Line capacitance versus frequency
(typical values)
Figure 3.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 4.
Attenuation measurement
Figure 5.
Crosstalk measurements
Figure 6.
Remaing voltage on I/O1 after the
USBULC6-2M6 during positive
ESD surge (15 kV Air)
Figure 7.
Remaing voltage on I/O2 after the
USBULC6-2M6 during negative
ESD surge (15 kV Air)
I/O - GND
I/O – I/O
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
800.0
900.0
1000.0
01
23
C(fF)
F(GHz)
1
2
3
4
5
25
50
75
100
125
I[T
RM
j] / I
[T
RM
j=25°C]
T (°C)
j
S21(db)
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 16.00
- 12.00
- 8.00
- 4.00
0.00
F(Hz)
dB
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
F (Hz)
10V/Div
100ns/Div
10V/Div
100ns/Div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com