Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBULC6-2M6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBULC6-2M6
Description  Ultra large bandwidth ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2M6 Datasheet(HTML) 4 Page - STMicroelectronics

  USBULC6-2M6 Datasheet HTML 1Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 2Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 3Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 4Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 5Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 6Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 7Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 8Page - STMicroelectronics USBULC6-2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
USBULC6-2M6
4/10
Figure 12.
Eye diagram PCB + USBULC6-2M6, +5 V on VBUS decoupling capacitor
100 nF, 400 mV amplitude, F = 480 Mbps
Figure 8.
Remaing voltage on VBUS after the
USBULC6-2M6 during positive
ESD surge (15 kV Air)
Figure 9.
Remaing voltage on VBUS after the
USBULC6-2M6 during negative
ESD surge (15 kV Air)
Figure 10.
Eye diagram PCB only
400 mV amplitude, F = 480 Mbps
Figure 11.
Eye diagram PCB + USBULC6-2M6
400 mV amplitude, F = 480 Mbps
10V/Div
100ns/Div
10V/Div
100ns/Div
Horiz: 350 ps/div
Vert: 100 mV/div
Horiz: 350 ps/div
Vert: 100 mV/div
Horiz: 350 ps/div
Vert: 100 mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com