Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1159B Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1159B
Description  Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1159B Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1159B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DIO1159B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1159B• Rev. 1.6
Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the
device permanently. Do not design to the maximum limits because long-time exposure to them might impact the
device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
-0.5
6.5
V
VSW
DC switch voltage
-0.5
VCC+0.5
V
VIN
DC control voltage
-0.5
6.5
V
ISW
On-state switch current
-300
300
mA
ISW
On-state peak switch current
-400
400
Continuous current through GND
-100
100
mA
TSTG
Storage temperature range
-65
150
°C
TJ
Operating junction temperature
-40
150
°C
Recommend Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.65
5.5
V
VIN
Control input voltage
0
5.5
V
VSW, VCOM
Switch input voltage
0
VCC
V
TA
Operating temperature
-40
105
°C
TJ
Operating junction temperature
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com