Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1159B Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1159B
Description  Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1159B Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1159B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DIO1159B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1159B• Rev. 1.6
Electrical Characteristics
All typical value are at VCC = 5 V; TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Temp
Min
Typ
Max Unit
VIH
Input voltage high
-40 to 105°C
1.65
V
VIL
Input voltage low
-40 to 105°C
0.6
V
IIN
Control input leakage
VIN = 5 V or 0 V, VCC = 5 V
25°C
-2
2
nA
-40 to 105°C
-100
100
INC(OFF)
INO(OFF)
NC, NO, COM off
leakage current
VSW = 0.3 V, 3.3 V,
VCOM = 3.3 V, 0.3 V,
VCC = 5 V, see Figure 3
25°C
-20
2
20
nA
-40 to 105°C
-100
100
ICOM(ON)
COM on leakage
current
VCOM = 0.3 V, 3.3 V, VSW = 0.3 V,
3.3 V, or floating, VCC = 5 V
25°C
-20
2
20
nA
-40 to 105°C
-100
100
ICC
Quiescent supply
current
VCC = 5 V, VIN = VCC or GND,
switch ON or OFF
25°C
10
50
nA
-40 to 105°C
500
ICCT
Increase in ICC input
VCC = 5 V, VIN = 1.8 V
25°C
46
μA
VCC = 5 V, VIN = 2.8 V
18
RON
Switch on resistance
VCC = 5 V, VSW = 1 V, ISW = -100
mA, see Figure 2
25°C
1
1.5
Ω
-40 to 105°C
2.0
ΔRON
On resistance
matching between
channels
VCC = 5 V, VSW = 1 V, ISW = -100 mA
25°C
0.05
0.2
Ω
-40 to 105°C
0.3
RFLT(ON)
On resistance
flatness
VCC = 5 V, VSW = 1 V, 3.5 V,
ISW = -100 mA
-40 to 105°C
0.8
1.2
Ω
tON
Turn-On time
VSW = 1.5 V or 0 V,
RL = 50 Ω, CL = 35 pF see Figure 8
25°C
70
ns
tOFF
Turn-Off time
VSW = 1.5 V or 0 V,
RL = 50 Ω, CL = 35 pF see Figure 8
25°C
20
ns
tBBM
Break-before-make
time
VSW = VCC, RL = 50 Ω, CL = 35 pF
see Figure 7
25°C
55
ns
XTALK
Crosstalk
RL = 50 Ω, f = 20 kHz, VSW = 1
VRMS
0°C
-60
dB
OIRR
Off isolation
RL = 50 Ω, signal = 0 dBm, f = 1
MHz
25°C
-55
dB
BW
-3 dB bandwidth
RL = 50 Ω, signal = 0 dBm,
see Figure 5
25°C
100
MHz
THD
Total harmonic
distortion
RL = 600 Ω, CL = 50 pF,
f = 20 Hz to 20 kHz
25°C
0.002
%
CIN(1)
Control pin input
capacitance
VIN = VCC or 0 V
25°C
1.5
pF
COFF(1)
OFF capacitance
Switch off VSW = VCC or 0 V
see Figure 4
25°C
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com