Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1159B Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1159B
Description  Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1159B Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1159B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.6
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1159B• Rev. 1.6
DIO1159B
Low On-Resistance, Low THD Analog Switch
Features
5.5 V tolerant on control pin
Voltage operation: 1.65 V to 5.5 V
Low on resistance:
1 Ω at 5 V supply voltage
Excellent on-resistance matching
Low total harmonic distortion (THD)
Low charge injection
Low power consumption
Green and RoHS packaged:
SC70-6, SOT23-6, and DFN-6
Applications
Cell phones
PDAs and MP3s
Portable instrumentation
Battery-powered communications
Computer peripherals
Descriptions
The DIO1159B is a low-power, single-pole
double-throw analog switch, which is designed to
operate from a single 1.65 V to 5.5 V supply.
The DIO1159B has low on-resistance, excellent
on-resistance matching, and very low total
harmonic distortion performance to prevent
signal distortion during signals transferring. All
these features make the DIO1159B suitable for
portable audio applications.
The DIO1159B is available in different packages:
SC70-6, SOT23-6, and DFN-6.
Block Diagram
Ordering Information
Order Part
Number
Top Marking
RoHS
TA
Package
DIO1159BSC6
YWXC
Green
-40 to 105 °C
SC70-6
Tape & Reel, 3000
DIO1159BST6
YWXC
Green
-40 to 105 °C
SOT23-6
Tape & Reel, 3000
DIO1159BFN6
YWXA
Green
-40 to 105 °C
DFN1.6*1.6-6
Tape & Reel, 3000
DIO1159BCN6
1159
Green
-40 to 105 °C
DFN1.8*2-6
Tape & Reel, 3000
DIO1159BQN6
YW9
Green
-40 to 105 °C
DFN1.45*1-6
Tape & Reel, 5000
DIO1159BMN6
YWE9
Green
-40 to 105 °C
DFN1.5*1-6
Tape & Reel,5000
Note: Y: Year, W: Week, X: Internal code, C/A: Product code;


Similar Part No. - DIO1159B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1166 DIOO-DIO1166 Datasheet
865Kb / 12P
Analog Switch
Rev 1.2
DIO1166SC5 DIOO-DIO1166SC5 Datasheet
865Kb / 12P
Analog Switch
Rev 1.2
DIO1169 DIOO-DIO1169 Datasheet
1Mb / 11P
Analog Switch
Jul 2025
More results

Similar Description - DIO1159B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com