Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1159B Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1159B
Description  Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1159B Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1159B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1159B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DIO1159B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1159B• Rev. 1.6
CON(1)
On capacitance
Switch on VCOM = VCC or 0 V
see Figure 4
25°C
49
pF
Note:
(1) Guaranteed by design.
(2) Specification subject to change without notice.
Test Diagrams
Figure 2 . Switch on resistor
Figure 3. Switch off leakage
Figure 4. On/off capacitance test
Figure 5 . Bandwidth
Figure 6. Channel-to-channel crosstalk
Figure 7. Break-Before-Make



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com