Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTW4100SW Datasheet(PDF) 2 Page - Whirlpool.

Part # WTW4100SW
Description  Whirlpool® Top Load Washer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WTW4100SW Datasheet(HTML) 2 Page - Whirlpool.

  WTW4100SW Datasheet HTML 1Page - Whirlpool. WTW4100SW Datasheet HTML 2Page - Whirlpool. WTW4100SW Datasheet HTML 3Page - Whirlpool. WTW4100SW Datasheet HTML 4Page - Whirlpool. WTW4100SW Datasheet HTML 5Page - Whirlpool. WTW4100SW Datasheet HTML 6Page - Whirlpool. WTW4100SW Datasheet HTML 7Page - Whirlpool. WTW4100SW Datasheet HTML 8Page - Whirlpool. WTW4100SW Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DETAILED PLANNING DIMENSIONS
WARNING: To reduce the risk of fire, electric shock, or injury to persons, read the IMPORTANT SAFETY INSTRUCTIONS and
INSTALLATION INSTRUCTIONS, located in your appliance’s Product Guide, before installing and operating this appliance.
Electrical Requirements
WTW4100SW 4.1 cu ft DOE (US) & 4.7 cu ft IEC (CAN)
WTW4105SW 4.0 cu ft DOE (US) & 4.6 cu ft IEC (CAN)
Minimum Circuit Amperage Rating
15 A
Operating Voltage
120 V AC only
Operating Frequency
60 Hz
Product Dimensions
WTW4100SW 4.1 cu ft DOE (US) & 4.7 cu ft IEC (CAN)
WTW4105SW 4.0 cu ft DOE (US) & 4.6 cu ft IEC (CAN)
in (minimum)
mm (minimum)
in (maximum)
mm (maximum)
A
Height (with feet)
417∕8
1064
423∕4
1086
B
Width
271∕8
689
-
-
C
Top of Lid Height (with feet)
373∕8
949
381∕4
972
D
Depth
261∕4
667
271∕8
689
2
A
B
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com