Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTW4100SW Datasheet(PDF) 4 Page - Whirlpool.

Part # WTW4100SW
Description  Whirlpool® Top Load Washer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WTW4100SW Datasheet(HTML) 4 Page - Whirlpool.

  WTW4100SW Datasheet HTML 1Page - Whirlpool. WTW4100SW Datasheet HTML 2Page - Whirlpool. WTW4100SW Datasheet HTML 3Page - Whirlpool. WTW4100SW Datasheet HTML 4Page - Whirlpool. WTW4100SW Datasheet HTML 5Page - Whirlpool. WTW4100SW Datasheet HTML 6Page - Whirlpool. WTW4100SW Datasheet HTML 7Page - Whirlpool. WTW4100SW Datasheet HTML 8Page - Whirlpool. WTW4100SW Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DETAILED PLANNING DIMENSIONS
Recessed area or closet installation
NOTE: All washers should have 20" (508 mm) clearance.
Dimensions show recommended spacing allowed, except for closet door ventilation openings which are minimum required.
This washer has been tested for installation with spacing of 0" (0 mm) clearance on the sides. Consider allowing more space for ease
of installation and servicing, and spacing for companion appliances and clearances for walls, doors, and floor moldings. Add spacing
of 1" (25 mm) on all sides of washer to reduce noise transfer. If a closet door or louvered door is installed, top and bottom air openings
in door are required.
3"
(76 mm)
3"
(76 mm)
24 in2
(155 cm2)
48 in2
(310 cm2)
(508 mm)
20"
1"
1"
(25 mm)
(25 mm)
5"
(126 mm)
14"
(356 mm)
maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com