Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 65 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 65 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 61Page - STMicroelectronics M7040N Datasheet HTML 62Page - STMicroelectronics M7040N Datasheet HTML 63Page - STMicroelectronics M7040N Datasheet HTML 64Page - STMicroelectronics M7040N Datasheet HTML 65Page - STMicroelectronics M7040N Datasheet HTML 66Page - STMicroelectronics M7040N Datasheet HTML 67Page - STMicroelectronics M7040N Datasheet HTML 68Page - STMicroelectronics M7040N Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 159 page
background image
65/159
M7040N
The logical 144-bit search operation is shown in
Figure 46, page 67. The entire table of 144-bit en-
tries is compared to a 144-bit word K (presented
on the DQ Bus in Cycles A and B of the command)
using the GMR and the local mask bits. The GMR
is the 144-bit word specified by the even and odd
global mask pair selected by the GMR Index in the
command’s Cycle A. The 144-bit word K (present-
ed on the DQ Bus in Cycles A and B of the com-
mand) is also stored in both even and odd
comparand register pairs selected by the Com-
parand Register Index in the command’s Cycle B.
The two comparand registers can subsequently
be used by the LEARN command with the even
comparand register stored in an even location,
and the odd comparand register stored in an adja-
cent odd location. The word K (presented on the
DQ Bus in Cycles A and B of the command) is
compared with each entry in the table starting at
location “0.” The first matching entry’s location ad-
dress, “L,” is the winning address that is driven as
part of the SRAM address on the SADR[23:0] lines
(see SRAM ADDRESSING, page 128).
Note: The matching address is always going to an
even address for a 144-bit SEARCH.
The SEARCH command is a pipelined operation
that executes searches at half the rate of the fre-
quency of CLK2X for 144-bit searches in x144-
configured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF from the 144-bit
SEARCH command cycle (two CLK2X cycles) is
shown in Table 34, page 67.
For a single device in the table with TLSZ = 00, the
latency of the SEARCH from command to SRAM
access cycle is 4. In addition, SSV and SSF shift
further to the right for different values of HLAT, as
specified in Table 35, page 67.
Figure 44. Hardware Diagram for a Table with 1 Device
DQ[71:0]
CMDV, CMD[10:0]
SSF, SSV
SRAM
BHI[2:0]
BHO[2:0]
LHO[1]
LHI
3210
M7040
LHO[0]
654
AI04698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com