Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 74 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 74 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 70Page - STMicroelectronics M7040N Datasheet HTML 71Page - STMicroelectronics M7040N Datasheet HTML 72Page - STMicroelectronics M7040N Datasheet HTML 73Page - STMicroelectronics M7040N Datasheet HTML 74Page - STMicroelectronics M7040N Datasheet HTML 75Page - STMicroelectronics M7040N Datasheet HTML 76Page - STMicroelectronics M7040N Datasheet HTML 77Page - STMicroelectronics M7040N Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 159 page
background image
M7040N
74/159
Table 37. Latency of SEARCH from Instruction to SRAM Access Cycle, 144-bit
Table 38. Shift of SSF and SSV from SADR
144-bit Search on Tables Configured as x144 Using Up to 31 M7040N Devices
The hardware diagram of the search subsystem of
31 devices is shown in Figure 52, page 76. Each
of the four blocks in the diagram represents a
block of eight M7040N devices (except the last,
which has seven devices).The diagram for a block
of eight devices is shown in Figure 53, page 77.
Following are the parameters programmed into
the 31 devices.
First thirty devices (devices 0–29):
CFG = 0101010101010101, TLSZ = 10,
HLAT = 001, LRAM = 0, and LDEV = 0.
Thirty-first device (device 30):
CFG = 0101010101010101, TLSZ = 10,
HLAT = 001, LRAM = 1, and LDEV = 1.
Note: All 31 devices must be programmed with the
same value of TLSZ and HLAT. Only the last de-
vice in the table must be programmed with
LRAM = 1 and LDEV = 1 (Device 30 in this case).
All other upstream devices must be programmed
with LRAM = 0 and LDEV = 0 (Devices 0 through
29 in this case).
The timing diagrams referred to in this paragraph
reference the HIT/MISS assumptions defined in
Table 39, page 75. For the purpose of illustrating
timings, it is further assumed that the there is only
one device with a matching entry in each of the
blocks. Figure 55, page 79 shows the timing dia-
gram for a SEARCH command in the 144-bit-con-
figured table (31 devices) for each of the eight
devices in Block 0. Figure 56, page 80 shows the
timing diagram for SEARCH command in the
72-bit-configured table (31 devices) for all the de-
vices in Block 1 above the winning device in that
block. Figure 57, page 81 shows the timing dia-
gram for the globally winning device (the final win-
ner within its own block and all blocks) in Block 1.
Figure 58, page 82 shows the timing diagram for
all the devices below the globally winning device in
Block 1. Figure 59, page 83, Figure 60, page 84,
and Figure 61, page 85 respectively show the tim-
ing diagrams of the devices above globally win-
ning device, the globally winning device and
devices below the globally winning device for
Block 2. Figure 62, page 86, Figure 63, page 87,
Figure 64, page 88, and Figure 65, page 89 re-
spectively show the timing diagrams of the devices
above the globally winning device, the globally
winning device, and devices below the globally
winning device except the last device (Device 30),
and the last device (Device 30) for Block 3.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
32K x 144-bit
4
1–8 (TLSZ = 01)
256K x 144-bit
5
1–31 (TLSZ = 10)
992K x 144-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com