Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 144 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 144 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 140Page - STMicroelectronics M7040N Datasheet HTML 141Page - STMicroelectronics M7040N Datasheet HTML 142Page - STMicroelectronics M7040N Datasheet HTML 143Page - STMicroelectronics M7040N Datasheet HTML 144Page - STMicroelectronics M7040N Datasheet HTML 145Page - STMicroelectronics M7040N Datasheet HTML 146Page - STMicroelectronics M7040N Datasheet HTML 147Page - STMicroelectronics M7040N Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 159 page
background image
M7040N
144/159
SRAM WRITE withTable(s) of Upto31 Devices
The following explains the SRAM WRITE opera-
tion done through a table(s) of up to 31 devices
with the following parameters (TLSZ = 10). The di-
agram of such table(s) is shown in Figure 107,
page 145. The following assumes that SRAM ac-
cess is done through M7040N Device 0 – Device
0 is the selected device. Figure 108, page 146 and
Figure 109, page 147 show the timing diagram for
Device 0 and Device 30, respectively.
– Cycle 1A: The host ASIC applies the WRITE In-
struction on CMD[1:0] using CMDV = 1. The DQ
Bus supplies the address with DQ[20:19] set to
'10' to select the SRAM address. The host ASIC
selects the device for which the ID[4:0] matches
the DQ[25:21] lines. The host ASIC also sup-
plies SADR[23:21] on CMD[8:6] in this cycle.
Note: CMD[2] must be set to '0' for SRAM
WRITE because Burst WRITEs into the SRAM
are not supported.
– Cycle 1B: The host ASIC continues to apply the
WRITE InstructiononCMD[1:0] using CMDV =
1. The DQ Bus supplies the address with
DQ[20:19] set to '10' to select the SRAM ad-
dress.
Note: CMD[2] must be set to '0' for SRAM
WRITE because Burst WRITEs into the SRAM
are not supported.
– Cycle 2: The host ASIC continues to drive
DQ[71:0]. The data in this cycle is not used by
the M7040N device.
– Cycle 3: The host ASIC continues to drive
DQ[71:0]. The data in this cycle is not used by
the M7040N device.
At the end of Cycle 3, a new command can begin.
The WRITE is a pipelined operation. The WRITE
Cycle appears at the SRAM Bus, however, with
the same latency as that of a SEARCH Instruction,
as measured from the second cycle of the WRITE
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com