Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBAT2 Datasheet(PDF) 4 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 4 Page - Clarke International

  CBAT2 Datasheet HTML 1Page - Clarke International CBAT2 Datasheet HTML 2Page - Clarke International CBAT2 Datasheet HTML 3Page - Clarke International CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
8.
DO NOT open the case, contains no replaceable parts inside the
product.
9.
If the device malfunctions, please consult your dealer.
10. DO NOT use the device while the vehicle is in motion, the tester is
not suitable for permanent installation in a motor vehicle.
11. Make sure the vehicle is securely parked and the handbrake
applied before using the tester. For vehicles with automatic
transmissions the “park position” must be engaged and the hand
brake must be engaged.
12. DO NOT use other measuring devices when using the tester.
13. Seek professional help if you are unsure about anything related to
the electrical system in your vehicle.
14. When using the crocodile clips for testing, the red clip must be
clamped to the positive pole (+ or Red) of the battery, and the
black clip must be clamped to the negative pole (- or black). DO
NOT reverse the connections.
15. If the outer insulation of the cable is damaged, it may cause a
short circuit. Stop using it immediately and contact your Clarke
dealer.
OTHER INFORMATION
1.
The Battery Tester is suitable for all types of 12V lead acid batteries
(vehicle batteries).
2.
The device is NOT suitable for commercial purposes.
3.
The device is NOT calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com