Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBAT2 Datasheet(PDF) 9 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 9 Page - Clarke International

Back Button CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International CBAT2 Datasheet HTML 10Page - Clarke International CBAT2 Datasheet HTML 11Page - Clarke International CBAT2 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
Product Description
Alternator and Battery Tester
Part number
6260106
Operating Temp. Range
-20c - 70c
Input Voltage
6V -25V (12V System)
Measurement (H x W x D)
110 x 60 x 15 mm
Product Weight
130g
Compatible Battery Types
12V Lead Acid Batteries:
WET (Flooded)
MF (Maintenance Free)
EFB (Enhanced Flooded)
AGM (Absorbed Glass Mat)
GEL
VRLA (Valve Regulated Lead
Acid)
Lead Calcium
SLA (Sealed Lead Acid)
12V LiFePO4 (Lithium Iron
Phosphate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com