Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBAT2 Datasheet(PDF) 8 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 8 Page - Clarke International

Back Button CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International CBAT2 Datasheet HTML 10Page - Clarke International CBAT2 Datasheet HTML 11Page - Clarke International CBAT2 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
•
If the OVER light is on, it means that the alternator output
voltage is high. Voltage >15V
•
If the LOW light is on, it means that the alternator output
voltage is low. Voltage: <13.5V
•
If the CHARGE light is on, it means the charging system is
normal. Voltage: <13.5 CHARGE < 15V
6.
Once completed, remove the black clamp from the negative
(-/black) terminal on the car battery then remove the red clamp
from the positive (+/red) terminal or unplug the cigarette lighter
test lead.
MAINTENANCE
CLEANING
•
Before cleaning, disconnect the device from the electrical
system.
•
DO NOT use any liquid cleaning product.
•
DO NOT use any inflammable cleaning product.
•
DO NOT submerge the device or spill any liquids over it.
•
If needed, clean the device with a light, damp, soft cloth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com