Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBAT2 Datasheet(PDF) 5 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 5 Page - Clarke International

  CBAT2 Datasheet HTML 1Page - Clarke International CBAT2 Datasheet HTML 2Page - Clarke International CBAT2 Datasheet HTML 3Page - Clarke International CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DISPLAY IDENTIFICATION
1
LCD Display Screen
7
Alternator Test Indicator -
Charge
2
Battery Test Indicator - Low
8
Battery Test Start Button
3
Battery Test Indicator -
Medium
9
Alternator Test Start Button
4
Battery Test Indicator - High
10
12V Cigarette Lighter Test
Lead
5
Alternator Test Indicator -
Over
11
Crocodile Clips Test Lead
6
Alternator Test Indicator -
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com