Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 48Page - Texas Instruments TMS320DM641 Datasheet HTML 49Page - Texas Instruments TMS320DM641 Datasheet HTML 50Page - Texas Instruments TMS320DM641 Datasheet HTML 51Page - Texas Instruments TMS320DM641 Datasheet HTML 52Page - Texas Instruments TMS320DM641 Datasheet HTML 53Page - Texas Instruments TMS320DM641 Datasheet HTML 54Page - Texas Instruments TMS320DM641 Datasheet HTML 55Page - Texas Instruments TMS320DM641 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 179 page
background image
Pin Assignments
52
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
DESCRIPTION
NAME
DM641
DM640
TYPE†
IPD/
IPU‡
DESCRIPTION
RESERVED FOR TEST
RSV
E2
E2
I
IPD
Reserved. For proper DM641/DM640 device operation, this pin at device
reset must be pulled down via a 10-kΩ resistor.
RSV
—
Y1
I/O/Z
—
Reserved [for DM640 Only]. For proper DM640 device operation, this pin at
device reset must be pulled down via a 10-kΩ resistor.
RSV
H7
H7
A
—
Reserved. This pin must be connected directly to CVDD for proper device
operation.
RSV
R6
R6
A
—
Reserved. This pin must be connected directly to DVDD for proper device
operation.
ADDITIONAL RESERVED FOR TEST
A7
A7
I
IPD
A9
A9
I/O/Z
IPD
A10
A10
I/O/Z
IPD
A11
A11
I/O/Z
IPD
A13
A13
I/O/Z
IPD
Reserved (leave unconnected do not connect to power or ground)
B8
B8
I/O/Z
IPD
Reserved (leave unconnected, do not connect to power or ground)
B9
B9
I/O/Z
IPD
B10
B10
I/O/Z
IPD
B11
B11
I/O/Z
IPD
B12
B12
I/O/Z
IPD
C1
C1
I/O/Z
—
Pull down via a 10-kΩ resistor
C7
C7
I/O/Z
IPD
C8
C8
I/O/Z
IPD
C9
C9
I/O/Z
IPD
C10
C10
I/O/Z
IPD
RSV
C11
C11
I/O/Z
IPD
RSV
C12
C12
I/O/Z
IPD
D7
D7
I/O/Z
IPD
D8
D8
I/O/Z
IPD
Reserved (leave unconnected do not connect to power or ground)
D9
D9
I/O/Z
IPD
Reserved (leave unconnected, do not connect to power or ground)
D10
D10
I/O/Z
IPD
D11
D11
I/O/Z
IPD
D12
D12
I/O/Z
IPD
E11
E11
I/O/Z
IPD
E12
E12
I/O/Z
IPD
E13
E13
I/O/Z
IPD
E14
E14
I
IPD
F1
F1
I/O/Z
—
G3
G3
I/O/Z
—
Pull down via a 10 kΩ resistor
G4
G4
I/O/Z
—
Pull down via a 10-kΩ resistor
H4
H4
I/O/Z
—
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com