Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 51Page - Texas Instruments TMS320DM641 Datasheet HTML 52Page - Texas Instruments TMS320DM641 Datasheet HTML 53Page - Texas Instruments TMS320DM641 Datasheet HTML 54Page - Texas Instruments TMS320DM641 Datasheet HTML 55Page - Texas Instruments TMS320DM641 Datasheet HTML 56Page - Texas Instruments TMS320DM641 Datasheet HTML 57Page - Texas Instruments TMS320DM641 Datasheet HTML 58Page - Texas Instruments TMS320DM641 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 179 page
background image
Pin Assignments
55
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
—
W4
I/O/Z
—
—
Y2
I/O/Z
—
—
Y3
I/O/Z
—
Pull down via a 10-kΩ resistor
—
Y4
I/O/Z
—
Pull down via a 10 kΩ resistor
—
AA1
I/O/Z
—
RSV
—
AC8
I/O/Z
IPD
RSV
—
AD5
I/O/Z
IPD
—
AE5
I/O/Z
IPD
Reserved (leave unconnected do not connect to power or ground)
—
AF4
I/O/Z
IPD
Reserved (leave unconnected, do not connect to power or ground)
—
AF8
I
IPD
—
AF10
I/O/Z
IPD
SUPPLY VOLTAGE PINS
A2
A2
A25
A25
B1
B1
B2
B2
B14
B14
B25
B25
B26
B26
C3
C3
C24
C24
D4
D4
DV
D23
D23
S
3 3 V supply voltage
DVDD
E5
E5
S
3.3-V supply voltage
E7
E7
E8
E8
E10
E10
E17
E17
E19
E19
E20
E20
E22
E22
F9
F9
F12
F12
F15
F15
F18
F18
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com