Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 79Page - Texas Instruments TMS320DM641 Datasheet HTML 80Page - Texas Instruments TMS320DM641 Datasheet HTML 81Page - Texas Instruments TMS320DM641 Datasheet HTML 82Page - Texas Instruments TMS320DM641 Datasheet HTML 83Page - Texas Instruments TMS320DM641 Datasheet HTML 84Page - Texas Instruments TMS320DM641 Datasheet HTML 85Page - Texas Instruments TMS320DM641 Datasheet HTML 86Page - Texas Instruments TMS320DM641 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 179 page
background image
Device Operating Conditions
83
June 2003 − Revised October 2005
SPRS222E
3.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DVDD = MIN,
IOH = MAX
2.4
V
VOL
Low-level output voltage
DVDD = MIN,
IOL = MAX
0.4
V
VI = VSS to DVDD no opposing internal
resistor
±10
uA
II
Input current
VI = VSS to DVDD opposing internal
pullup resistor‡
50
100
150
uA
VI = VSS to DVDD opposing internal
pulldown resistor‡
−150
−100
−50
uA
EMIF, CLKOUT4, CLKOUT6, EMUx
−16
mA
IOH
High-level output current
Video Ports, Timer, TDO, GPIO
(Excluding GP0[2,1]), McBSP
−8
mA
HPI [DM641]
−0.5
mA
EMIF, CLKOUT4, CLKOUT6, EMUx
16
mA
IOL
Low-level output current
Video Ports, Timer, TDO, GPIO
(Excluding GP0[2,1]), McBSP
8
mA
IOL
Low level output current
SCL0 and SDA0
3
mA
HPI [DM641]
1.5
mA
IOZ
Off-state output current
VO = DVDD or 0 V
±10
uA
CVDD = 1.4 V, CPU clock = 600 MHz
890
mA
ICDD
Core supply current§
CVDD = 1.2 V, CPU clock = 500 MHz
620
mA
ICDD
Core supply current
CVDD = 1.2 V, CPU clock = 400 MHz
510
mA
DVDD = 3.3 V, CPU clock = 600 MHz
210
mA
IDDD
I/O supply current§
DVDD = 3.3 V, CPU clock = 500 MHz
165
mA
IDDD
I/O supply current
DVDD = 3.3 V, CPU clock = 400 MHz
160
mA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
† For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
‡ Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
§ Measured with average activity (50% high/50% low power) at 25°C case temperature and 133-MHz EMIF for -600 speed (100-MHz EMIF for
-500 and -400 speeds). This model represents a device performing high-DSP-activity operations 50% of the time, and the remainder performing
low-DSP-activity operations. The high/low-DSP-activity models are defined as follows:
High-DSP-Activity Model:
CPU: 8 instructions/cycle with 2 LDDW instructions [L1 Data Memory: 128 bits/cycle via LDDW instructions;
L1 Program Memory: 256 bits/cycle; L2/EMIF EDMA: 50% writes, 50% reads to/from SDRAM (50% bit-switching)]
McBSP: 2 channels at E1 rate
Timers: 2 timers at maximum rate
Low-DSP-Activity Model:
CPU: 2 instructions/cycle with 1 LDH instruction [L1 Data Memory: 16 bits/cycle; L1 Program Memory: 256 bits per 4 cycles;
L2/EMIF EDMA: None]
McBSP: 2 channels at E1 rate
Timers: 2 timers at maximum rate
The actual current draw is highly application-dependent. For more details on core and I/O activity, refer to the TMS320DMx Power Consumption
Summary application report (literature number SPRA962).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com