Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 101Page - Texas Instruments TMS320DM641 Datasheet HTML 102Page - Texas Instruments TMS320DM641 Datasheet HTML 103Page - Texas Instruments TMS320DM641 Datasheet HTML 104Page - Texas Instruments TMS320DM641 Datasheet HTML 105Page - Texas Instruments TMS320DM641 Datasheet HTML 106Page - Texas Instruments TMS320DM641 Datasheet HTML 107Page - Texas Instruments TMS320DM641 Datasheet HTML 108Page - Texas Instruments TMS320DM641 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 179 page
background image
External Memory Interface (EMIIF)
105
June 2003 − Revised October 2005
SPRS222E
4.8
External Memory Interface (EMIIF)
EMIF supports a glueless interface to a variety of external devices, including:
•
Pipelined synchronous-burst SRAM (SBSRAM)
•
Synchronous DRAM (SDRAM)
•
Asynchronous devices, including SRAM, ROM, and FIFOs
•
An external shared-memory device
4.8.1
EMIF Device-Specific Information
EMIF Device Speed
The rated EMIF speed of these devices only applies to the SDRAM interface when in a system that meets the
following requirements:
•
1 chip-enable (CE) space (maximum of 2 chips) of SDRAM connected to EMIF
•
up to 1 CE space of buffers connected to EMIF
•
EMIF trace lengths between 1 and 3 inches
•
166-MHz SDRAM for 133-MHz operation
•
143-MHz SDRAM for 100-MHz operation
Other configurations may be possible, but timing analysis must be done to verify all AC timings are met.
Verification of AC timings is mandatory when using configurations other than those specified above. TI
recommends utilizing I/O buffer information specification (IBIS) to analyze all AC timings.
To properly use IBIS models to attain accurate timing analysis for a given system, see the Using IBIS Models
for Timing Analysis application report (literature number SPRA839).
To maintain signal integrity, serial termination resistors should be inserted into all EMIF output signal lines (see
the Terminal Functions table for the EMIF output signals).
For more detailed information on the DM641/DM640 EMIF peripheral, see the TMS320C6000 DSP External
Memory Interface (EMIF) Reference Guide (literature number SPRU266).
4.8.2
EMIF Peripheral Register Description(s)
Table 4−21. EMIFA Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0180 0000
GBLCTL
EMIFA global control
0180 0004
CECTL1
EMIFA CE1 space control
0180 0008
CECTL0
EMIFA CE0 space control
0180 000C
−
Reserved
0180 0010
CECTL2
EMIFA CE2 space control
0180 0014
CECTL3
EMIFA CE3 space control
0180 0018
SDCTL
EMIFA SDRAM control
0180 001C
SDTIM
EMIFA SDRAM refresh control
0180 0020
SDEXT
EMIFA SDRAM extension
0180 0024 − 0180 003C
−
Reserved
0180 0040
PDTCTL
Peripheral device transfer (PDT) control
0180 0044
CESEC1
EMIFA CE1 space secondary control
0180 0048
CESEC0
EMIFA CE0 space secondary control
0180 004C
−
Reserved
0180 0050
CESEC2
EMIFA CE2 space secondary control
0180 0054
CESEC3
EMIFA CE3 space secondary control
0180 0058 − 0183 FFFF
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com