Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-BT2416C2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # GS-BT2416C2
Description  Bluetooth class 2 module with embedded SPP SW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button GS-BT2416C2 Datasheet HTML 12Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 13Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 14Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 15Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 16Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 17Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 18Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 19Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AT command
GS-BT2416C2.AT1
16/32
Moreover it is possible to store a startup commands sequence directly into flash memory.
The sequence can be long up to 512bytes. If a macro sequence is present, in startup phase,
some OK events are generated, one for every command of the sequence, before the
+READY event.
This behavior can be avoided setting a AT+ECHO=OFF command starting the macro
(avoiding the +READY too). The sequence execution is stoppable changing the state of
GPIO3 in startup phase.
A.3
Interfaces
The module must be controlled by an external MCU using the UART and 2 GPIOs.
●
UART: used to control the module with AT commands (COMMAND MODE), or
send/receive serial data to be transmitted over the SPP Bluetooth link (DATA MODE).
The first time that the module is powered up, the default UART settings are as following
(saved in flash memory):
Baud rate: (bps) 9600
Data bits: 8
Parity: None
Stop bits: 1
Flow control: None
When these settings are changed by the AT+UARTSETUP command, they are stored in the
flash memory to be reloaded when the module is powered up the next time.
●
GPIO1: configured as output. GPIO1 is high when an SPP Bluetooth link to a remote
device is present. GPIO1 is low when no Bluetooth link is present.
●
GPIO3: configured as input. If GPIO3 is set to high the module switches its mode of
operation to DATA MODE.
If GPIO3 is set to low, the module switches its mode of operation to COMMAND MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com