Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-BT2416C2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # GS-BT2416C2
Description  Bluetooth class 2 module with embedded SPP SW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button GS-BT2416C2 Datasheet HTML 21Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 22Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 23Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 24Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 25Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 26Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 27Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 28Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
GS-BT2416C2.AT1
AT command
25/32
A.25
AT+ECHO
Enable or disable the output of events and functional messages by the module.
Syntax: AT+ECHO=<ON,OFF>
Parameters:
ON: The ECHO mode is enabled and every message or events by the module will
be outputted. (default)
OFF: The ECHO mode is disabled and no output will be generated.
Return value: <OK, ERROR>
A.26
AT+UARTSETUP
Set the local UART settings. The changes take affect immediately after the OK response. It
is advisable to issue an AT command after the AT+UARTSETUP in order to make sure the
MCU is synchronized up correctly with the new settings. The new settings are used both for
the COMMAND MODE and DATA MODE. Use the command AT+BTMACROSTART to store
a startup setting for the UART. Is not allowed to use AT+UARTSETUP command in a macro!
Due to internal time needed to write a flash memory area a little time delay is possible
before any return value.
Syntax: AT+UARTSETUP=BaudRate, DataBits, Parity, Stopbits, Fc
Parameters:
Baud Rate: UART baud rate in bps. Possible values are: 300, 1200, 2400, 4800,
9600 (default), 19200, 38400, 57600, 115200, 153600, 230400, 460800.
DataBits: possible values are 5, 6, 7, 8 (default)
Parity: possible values are None (default), Even, Odd
StopBits: possible values are 1 (default), 2
Fc: flow control. Possible values are None (default), Hardware
Return value: <OK, ERROR>
A.27
AT+UARTSETUP=?
Output the current UART configuration settings. The command generates an +UARTSETUP
message with the configuration parameters of the module’s UART. For the parameters list,
see the AT+UARTSETUP command.
Syntax: AT+UARTSETUP=?
Return value: +UARTSETUP, <OK, ERROR>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com