Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7541TR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7541TR Datasheet HTML 53Page - STMicroelectronics TDA7541TR Datasheet HTML 54Page - STMicroelectronics TDA7541TR Datasheet HTML 55Page - STMicroelectronics TDA7541TR Datasheet HTML 56Page - STMicroelectronics TDA7541TR Datasheet HTML 57Page - STMicroelectronics TDA7541TR Datasheet HTML 58Page - STMicroelectronics TDA7541TR Datasheet HTML 59Page - STMicroelectronics TDA7541TR Datasheet HTML 60Page - STMicroelectronics TDA7541TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
TDA7541
Software specification
57/76
Table 30.
Addr 14 IF2 adjust (FM E8h, AM 08h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
IF2A<3:0>
00
0
0
Cadj 0pF
00
0
1
Cadj 2,2pF
00
1
0
Cadj 4,4pF
00
1
1
Cadj 6,6pF
01
0
0
Cadj 8,8pF
--
-
-
10
0
0
Cadj 17,6pF
--
-
-
11
1
1
Cadj 33pF
IF2Q<5:4>
0
0
no Rint , AM Q=28/gain=26dB, FM Q=28/gain=16dB
01
Rint =5kOhm, FM Q=3/gain=14dB, BW=150kHz
10
Rint =4,1kOhm, FM Q=2,5/gain=14dB, BW=180kHz
11
Rint =3,3kOhm, FM Q=2,05/gain=14dB, BW=220kHz
IF1G<7:6>
0
0
IF1 gain 9dB (AM)
0
1
IF1 gain 12dB
1
0
IF1 gain 17dB
1
1
IF1 gain 21dB (FM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com