Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7541TR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7541TR Datasheet HTML 38Page - STMicroelectronics TDA7541TR Datasheet HTML 39Page - STMicroelectronics TDA7541TR Datasheet HTML 40Page - STMicroelectronics TDA7541TR Datasheet HTML 41Page - STMicroelectronics TDA7541TR Datasheet HTML 42Page - STMicroelectronics TDA7541TR Datasheet HTML 43Page - STMicroelectronics TDA7541TR Datasheet HTML 44Page - STMicroelectronics TDA7541TR Datasheet HTML 45Page - STMicroelectronics TDA7541TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
Software specification
TDA7541
42/76
5
Software specification
7.1 Chip address and overview
The interface protocol comprises:
–
- start condition (S)
–
- chip address byte
–
- sub address byte
–
- sequence of data (N bytes + Acknowledge)
–
- stop condition (P)
5.1
Address organization
Receive mode
S
1
1000
1
D
0
ACK 0
0
I
A4
A3
A2
A1
A0 ACK DATABYTEACK P
Transmission mode
S
1
1000
1
D
1
ACK R7 R6 R5 R4
R3
R2
R1
S0 ACK
P
S= Start
P= Stop
ACK = Acknowledge
D
= Device address
I
= Auto increment mode
A
= Sub address
R
= Read bit
Table 13.
Address organization
Function
Addr
D7
D6
D5
D4
D3
D2
D1
D0
T PLL chargepump
0
SEEK
ASFC
LM
SDM
LDENA
ICP2
ICP1
ICP0
T PLL counter
1
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
T PLL counter
2
PC15
PC14
PC13
PC12
PC11
PC10
PC9
PC8
T TV
3
TVO7
TVO6
TVO5
TVO4
TVO3
TVO2
TVO1
TVO0
T TV/IF counter
4
FMON
EW6
EW5
IFS4
IFS3
ISSENA
TVO+
TVM
T PLL divider
5
AMD7
AMD6
RC5
RC4
RC3
VCOD2
VCOD1
VCOD0
T AGC
6
LNA7
LNA6
DAGC5
DAGC4
IFAGC3
IFAGC2
RFAGC1
RFAGC0
T Quality AC
7
TISS7
TISS6
TISS5
ACTH4
ACTH3
ACF
BWDEF
ISSBW
T Quality ACM/MP
8
MPTH7
MPTH6
MPAC
MPENA
ACMD
ACMTH2
ACMTH1
ACMTH0
T Quality DEV
9
ISSM
DTH6
DTH5
DWTH4
DWTH3
TDEV2
TDEV1
TDEV0
T Quality MUX/FSU
10
SSTH7
SSTH6
SSTH5
SSTH4
MUX1
MUX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com