Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7541TR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7541TR Datasheet HTML 37Page - STMicroelectronics TDA7541TR Datasheet HTML 38Page - STMicroelectronics TDA7541TR Datasheet HTML 39Page - STMicroelectronics TDA7541TR Datasheet HTML 40Page - STMicroelectronics TDA7541TR Datasheet HTML 41Page - STMicroelectronics TDA7541TR Datasheet HTML 42Page - STMicroelectronics TDA7541TR Datasheet HTML 43Page - STMicroelectronics TDA7541TR Datasheet HTML 44Page - STMicroelectronics TDA7541TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
TDA7541
Functional description
41/76
Write operation
Following a START condition the master sends a slave address word with the R/W bit set to
"0". The device will generate an "acknowledge" after this first transmission and will wait for a
second word (the word address field). This 8-bit address field provides an access to any of
the 32 internal addresses. Upon receipt of the word address the TDA7541 slave device will
respond with an "acknowledge". At this time, all the following words transmitted to the
TDA7541 will be considered as Data. The internal address will be automatically
incremented. After each word receipt the TDA7541 will answer with an "acknowledge".
Read operation
If the master sends a slave address word with the R/W bit set to "1", the TDA7541 will
transmit one 8-bit data word. This data word includes the following informations.
bit0 (ISS filter, 1 = ON, 0 = OFF)
bit1 (ISS filter bandwidth, 1 = 80kHz, 0 = 120kHz)
bit2 (STEREO, 1 = STEREO, 0 = MONO)
bit3 (1 = PLL is locked in, 0 = PLL is locked out).
bit4 (fieldstrength indicator, 1 = lower as softmute threshold,
0 = higher as softmute threshold)
bit5 (adjacent channel indicator, 1 = adjacent channel present,
0 = no adjacent channel)
bit6 (deviation indicator, 1 = strong overdeviation present,
0 = no strong overdeviation)
bit7 (deviation indicator, 1 = overdeviation present,
0 = no overdeviation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com