Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7541TR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7541TR Datasheet HTML 45Page - STMicroelectronics TDA7541TR Datasheet HTML 46Page - STMicroelectronics TDA7541TR Datasheet HTML 47Page - STMicroelectronics TDA7541TR Datasheet HTML 48Page - STMicroelectronics TDA7541TR Datasheet HTML 49Page - STMicroelectronics TDA7541TR Datasheet HTML 50Page - STMicroelectronics TDA7541TR Datasheet HTML 51Page - STMicroelectronics TDA7541TR Datasheet HTML 52Page - STMicroelectronics TDA7541TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
TDA7541
Software specification
49/76
Table 20.
Addr 4 TV/IF Counter (FM ACh , AM 1Ch)
Addr25
MSB
LSB
Function
d7
d6
d7
d6
d5
d4
d3
d2
d1
d0
TVM
0
TV is tracking with PLL
1
TV is independing on PLL
TVO+
0
Disable additional TV offset
1
Enable additional TV offset + 3.175V
ISSENA
0
ISS Filter switched off (bypass of filter, wide)
1
ISS filter control enable
IFS<4:3>
10
0
tSample = 20.48ms (FM) 128ms (AM )
10
1
tSample = 10.24ms (FM) 64ms (AM )
11
0
tSample = 5.12ms (FM) 32ms (AM )
11
1
tSample = 2.56ms (FM) 16ms (AM )
00
0
tSample = 1.28ms (FM) 8ms (AM )
00
1
tSample = 0.64ms (FM) 4ms (AM )
01
0
tSample = 0.32ms(FM) 2ms (AM )
01
1
tSample = 0.16ms (FM) 1ms (AM )
EW<6:5>
10
0
Δf = 12.5kHz (FM) 2kHz (AM)
10
1
Δf = 25kHz (FM) 4kHz (AM)
11
0
Δf = 50kHz (FM) 8kHz (AM)
11
1
Δf = 100kHz (FM) 16kHz (AM)
00
0
Not valid
00
1
Not valid
01
0
Not valid
01
1
Δf = 6.25kHz (FM) 1kHz (AM)
FMON
0
Select AM mode
1
Select FM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com