Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20903CS8 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20903CS8
Description   High Voltage, Dual Differential Comparator with Open-Drain Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20903CS8 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20903CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DIO20903
Version 1.3, Jan 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
8
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality.
The application information is not part of the specification and is for reference purposes only.
The DIO20903 is the dual differential comparator featuring high speed and low power. The device is
typically used to compare a single signal to a reference or two signals against each other. Many users
utilize the open drain output to drive the comparison logic output to a logic voltage level to an MCU or logic
device. The wide supply range and high voltage capability enable the level of this comparator to shift to
higher or lower voltages.
Figure 11. Single-ended and differential comparator configurations
9.1. Low input bias current
The DIO20903 comparator has an ultra-low input bias current at about 10 pA, which allows the comparator
to be used in applications with high resistance sources.
9.2. Wide range of supply voltage
The DIO20903 is enable to operate with the supply voltage up to 42 V. The open-drain output allows the
user to configure the output's logic high voltage (VOH) and enables the comparator to be used in AND
functionality.
9.3. Output and drive current
Output current is determined by the load/pull-up resistance and logic/pullup voltage. The output current
generates a output low voltage (VOL) from the comparator and VOL is proportional to the output current.
9.4. Response time
Response time is a function of overdriven input. The rising/falling time can be determined by the load
capacitance (CL), load/pullup resistance (RPULLUP), and equivalent drain source resistance (RDS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com