Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20903CS8 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20903CS8
Description   High Voltage, Dual Differential Comparator with Open-Drain Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20903CS8 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20903CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DIO20903
Version 1.3, Jan 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
2.7
36
V
VIN
Input voltage range
-0.1
VCC - 1.5
V
TA
Ambient temperature
-40
125
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Rating
Unit
HBM
ESDA/JEDEC JS-001
±3000
V
CDM
ESDA/JEDEC JS-002
±2000
V
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
SOIC-8
97.71
°C/W
MSOP-8
146
RθJB
Junction-to-board thermal resistance
SOIC-8
67.94
°C/W
MSOP-8
95
RθJC
Junction-to-case thermal resistance
SOIC-8
41.95
°C/W
MSOP-8
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com