Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20903CS8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20903CS8
Description   High Voltage, Dual Differential Comparator with Open-Drain Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20903CS8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20903CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DIO20903
Version 1.3, Jan 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
-0.3
42
V
VID
Differential input voltage
-36
42
V
VI
Input voltage (either input)
-0.3
42
V
IIK
Input current
-50
mA
VO
Output voltage
-0.3
42
V
IO
Output current
25
mA
TJ
Operating virtual-junction temperature
150
°C
TSTG
Storage temperature
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com