Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20903CS8 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20903CS8
Description   High Voltage, Dual Differential Comparator with Open-Drain Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20903CS8 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20903CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20903CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DIO20903
Version 1.3, Jan 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
6. Electrical Characteristics
6.1. Electrical Characteristics: VCC = 5 V
VCM = (V-), TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOS
Input offset voltage
VCC = 2.7 to 36 V
-3.5
3.5
mV
VCC = 2.7 to 36 V, TA = -40°C to 125°C
-4.5
4.5
IB
Input bias current
10
pA
IOS
Input offset current
5
pA
VCM
Common mode range
VCC = 2.7 to 36 V
V-
(V+) - 1.5
V
VCC = 2.7 to 36 V, TA = -40°C to 125°C
V-
(V+) - 1.5
AVD (1)
Large signal differential voltage
amplification
VO = 1.4 V to 11.4 V;
RL ≥ 15 kΩ to (V+)
100
400
V/mV
VOL
Low level output voltage
{swing from (V-)}
ISINK ≤ 4 mA, VID = -1 V
165
mV
IOH-LKG
High level output leakage
current
VCC = VO = 5 V, VID = 1 V
0.3
nA
IOL
Low level output current
VOL = 1.5 V, VID = -1 V
33
mA
IQ
Quiescent current (per channel) No load, VCC = 5 V
125
μA
6.2. Electrical Characteristics: VCC = 12 V
VCM = (V-), TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOS
Input offset voltage
VCC = 2.7 to 36 V
-3.5
3.5
mV
VCC = 2.7 to 36 V, TA = -40°C to 125°C
-4.5
4.5
IB
Input bias current
10
pA
IOS
Input offset current
5
pA
VCM
Common mode range
VCC = 2.7 to 36 V
V-
(V+) - 1.5
V
VCC = 2.7 to 36 V, TA = -40°C to 125°C
V-
(V+) - 1.5
AVD (1)
Large signal differential voltage
amplification
VO = 1.4 V to 11.4 V;
RL ≥ 15 kΩ to (V+)
100
400
V/mV
VOL
Low level output voltage
{swing from (V-)}
ISINK ≤ 4 mA, VID = -1 V
165
mV
IOH-LKG
High level output leakage
current
VCC = VO = 12 V, VID = 1 V
0.3
nA
IOL
Low level output current
VOL = 1.5 V, VID = -1 V
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com