Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8833FD16 Datasheet(PDF) 32 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8833FD16
Description  1.5 A Thermoelectric Cooler (TEC) Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8833FD16 Datasheet(HTML) 32 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8833FD16 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 35Page - DIOO MICROCIRCUITS CO., LTD DIO8833FD16 Datasheet HTML 36Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
DIO8833
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
28
ILIM_COOL
Addr: 0x02
Bit
R/W
Symbol
Default
Description
Bit7
R/W
EN_ILIM_COOL
1
Enable bit of the TEC current limit setting in cooling mode.
0 = Disable
1 = Enable
Bit6
R/W
RESERVED
0
Reserved
Bit5
R/W
ILIM_COOL_SET[5:0]
100110
See current limit (ILIM) table.
Bit4
R/W
Bit3
R/W
Bit2
R/W
Bit1
R/W
Bit0
R/W
VLIM_HEAT
Addr: 0x03
Bit
R/W
Symbol
Default
Description
Bit7
R/W
EN_VLIM_HEAT
1
Enable bit of the TEC voltage limit setting in heating mode.
0 = Disable
1 = Enable
Bit6
R/W
VIN_OVP
1
0 = Disable VIN OVP function
1 = Enable VIN OVP function (default)
Bit5
R/W
VLIM_HEAT_SET[5:0]
011100
See voltage limit (VLIM) table.
Bit4
R/W
Bit3
R/W
Bit2
R/W
Bit1
R/W
Bit0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com