Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFM Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 19Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 20Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 21Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 22Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 23Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 24Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 25Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 26Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
TC(1): The interface byte TC(1) specifies a parameter of the
protocol. The interface byte TC(1) consists of two parts:
• The most significant bits b8 to b3 are set to 000000, all
other values are ‘RFU’.
• The bits b2 and b1 define which optional fields in the
prolog field are supported by the PICC. The PCD is allowed
to skip fields that are supported by the PICC. Bit b2
indicates support of CID and b1 indicates support of NAD.
The AS3953A value is ‘10’ indicating “CID supported” and
“NAD not supported”.
Figure below defines the coding of the TC(1) byte.
Figure 24:
TC(1) Byte Coding
Proprietary Commands
Proprietary commands have the same format as blocks defined
in ISO 14443-4 with the difference that optional NAD field is
abandoned since NAD is not supported by the AS3953A. The
same format is used for commands sent by PCD and AS3953A
responses. Figure below defines the coding of the proprietary
commands.
Figure 25:
Proprietary Commands Coding
Prolog field consists of the mandatory Protocol Control Byte
and an optional Card Identifier Byte. Card identifier byte is
according to ISO 14443-4 definition. Epilog field contains CRC
over transmitted block.
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
0000010
Coding of ATS byte TC(1)
CID
NAD
Prolog Field
Information Field
Epilog Field
PCB
[CID]
INF
EDC
1 byte
1 byte
2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com